CMUT3410 npn cmut7410 pnp surface mount complementary low v ce(sat) silicon transistors description: the central semiconductor CMUT3410, and cmut7410, are low v ce(sat) silicon transistors in an ultramini? surface mount package designed for small signal general purpose amplifier and switching applications, requiring low collector emitter saturation voltage. marking codes: CMUT3410: c43 cmut7410: c47 sot-523 case maximum ratings: (t a =25c) symbol units collector-base voltage v cbo 40 v collector-emitter voltage v ceo 25 v emitter-base voltage v ebo 6.0 v continuous collector current i c 1.0 a peak collector current i cm 1.5 a power dissipation p d 250 mw operating and storage junction temperature t j , t stg -65 to +150 c thermal resistance ja 500 c/w electrical characteristics: (t a =25c unless otherwise noted) typ symbol test conditions min npn pnp max units i cbo v cb =40v 100 na i ebo v eb =6.0v 100 na bv cbo i c =100a 40 v bv ceo i c =10ma 25 v bv ebo i e =100a 6.0 v v ce(sat) i c =50ma, i b =5.0ma 20 25 50 mv v ce(sat) i c =100ma, i b =10ma 35 40 75 mv v ce(sat) i c =200ma, i b =20ma 75 80 150 mv v ce(sat) i c =500ma, i b =50ma 130 150 250 mv v ce(sat) i c =800ma, i b =80ma 200 220 400 mv v ce(sat) i c =1.0a, i b =100ma 250 275 450 mv v be(sat) i c =800ma, i b =80ma 1.1 v v be(on) v ce =1.0v, i c =10ma 0.9 v h fe v ce =1.0v, i c =10ma 100 h fe v ce =1.0v, i c =100ma 100 300 h fe v ce =1.0v, i c =500ma 100 h fe v ce =1.0v, i c =1.0a 50 125 75 f t v ce =10v, i c =50ma, f=100mhz 100 mhz c ob v cb =10v, i e =0, f=1.0mhz (CMUT3410) 10 pf c ob v cb =10v, i e =0, f=1.0mhz (cmut7410) 15 pf r1 (9-february 2010) www.centralsemi.com
CMUT3410 npn cmut7410 pnp surface mount complementary low v ce(sat) silicon transistors sot-523 case - mechanical outline lead code: 1) base 2) emitter 3) collector marking codes: CMUT3410: c43 cmut7410: c47 (bottom view) www.centralsemi.com r1 (9-february 2010)
|